PART |
Description |
Maker |
TU601G |
(TU6xxG) Glass Passivated Bridge Rectifiers
|
Taitron Components
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
TXN05 TXN100 TYN40 TYN80K TXN058 TXN05G TXN05K TXN |
THYRISTORS V(drm): 50V; 8A; glass passivated thyristor V(drm): 1000V; 8A; glass passivated thyristor V(drm): 100V; 8A; glass passivated thyristor V(drm): 200V; 8A; glass passivated thyristor V(drm): 400V; 8A; glass passivated thyristor V(drm): 600V; 8A; glass passivated thyristor V(drm): 800V; 8A; glass passivated thyristor
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
SB310 |
Single Phase 3.0 AMPS. Silicon Brid ge Rectifiers
|
Gaomi Xinghe Electronics Co., Ltd.
|
AB80-C1500RG AB380-C1500RG AB250-C1500RG AB40-C150 |
200 V, 1.5 A Avalanche glass passivated bridge rectifier 900 V, 1.5 A Avalanche glass passivated bridge rectifier 600 V, 1.5 A Avalanche glass passivated bridge rectifier 100 V, 1.5 A Avalanche glass passivated bridge rectifier
|
EIC discrete Semiconductors
|
15SMC68A 1.5SMC10A 1.5SMC100A 1.5SMC8.2A 1.5SMC6.8 |
TVS: Unidirectional Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?9.1V,????荤???????????靛?????? UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,单向玻璃钝化节点瞬变电压抑制 FLK 14/EZ-DR/1000 KONFEK Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压6.8V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,单向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS
|
Taiwan Semiconductor Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
HER30-1500G |
Fast Recovery Pack: DO-201AD ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞1500V CURRENT拢潞 3.0A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?500V CURRENT 3.0A
|
Gulf Semiconductor
|
1N4007G 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N |
(1N4001G - 1N4007G) GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
http:// RECTRON[Rectron Semiconductor]
|
MURS260-A |
Super Fast Recovery Pack: SMA SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE拢潞600V CURRENT拢潞 2.0A SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT 2.0A
|
Gulf Semiconductor
|
GS3A-B GS3B-B GS3D-B GS3G-B GS3J-B GS3K-B GS3M-B |
Standard Recovery Pack: SMB SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 3.0A
|
Gulf Semiconductor
|
FB380-C1500RG FB80-C1500RG FB40-C1500RG FB250-C150 |
900 V, 1.5 A, fast recovery glass passivated bridge rectifier FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS 快恢复玻璃钝化桥式整流器
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors] EIC discrete Semiconduc...
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|